PART |
Description |
Maker |
MGCR01 40 |
Dual Mode IF Receiver for TDMA/AMPS and CDMA/AMPS From old datasheet system
|
Zarlink
|
QRS061K001 |
600 Volts Fast Recovery Diode Module 1000 Amps Free Wheeling 420 Amps Average
|
Powerex Power Semiconductors
|
SPBM505-4.2X4 SPBM505-4.2X1 SPBM505-4.2X4MA |
300 AMPS DISCHARGE 20 AMPS CHARGE CURRENT PROGRAMABLE BATTERY BYPASS MODULE SILICON, RECTIFIER DIODE
|
SOLID STATE DEVICES INC Solid State Devices, Inc. SSDI[Solid States Devices, Inc] Solid States Devices, Inc.
|
BR1000 BR1006 BR1002 BR1010 BR801 BR808 BR810 BR10 |
Silicon Bridge Rectifiers 8 Amps to 10 Amps
|
Edal Industries, Inc.
|
NTB45N06 NTB45N06T4 NTP45N06 NTP45N06_D NTP45N06D |
Power MOSFET 45 Amps, 60 Volts N?Channel TO?20 and D2PAK Power MOSFET 45 Amps / 60 Volts Power MOSFET 45 Amps, 60 Volts N-Channel TO-220 and D2PAK Power MOSFET 45 Amps, 60 Volts 功率MOSFET四十五安培,60伏特
|
ONSEMI[ON Semiconductor]
|
NTMS4P01R2 NTMS4P01R2/D NTMS4P01R2-D |
Power MOSFET -4.5 Amps, -12 Volts P-Channel Enhancement-Mode Single SO-8 Package Receptacle With A Standard Tail Power MOSFET -4.5 Amps-12 Volts
|
ON Semiconductor
|
MF1151V-2 |
From old datasheet system FOR AMPS MOBILE TELEPHONE, Tx CONNECTOR ACCESSORY FOR AMPS MOBILE TELEPHONE / Tx
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
NTP85N03 NTB85N03 NTB85N03T4 |
Power MOSFET 85 Amps / 28 Volts Power MOSFET 85 Amps, 28 Volts N-Channel TO-220(85A,28V,N通道,TO-220封装的功率MOSFET)
|
ONSEMI[ON Semiconductor]
|
MAX4291 MAX4291EUK-T MAX4291EXK-T MAX4292 MAX4294 |
Ultra-Small / !.8V / Power / Rail-to-Rail I/O Op Amps Ultra-Small, 1.8V, レPower, Rail-to-Rail I/O Op Amps ULTRA-SMALL, !.8V, ヌPOWER, RAIL-TO-RAIL I/O OP AMPS Ultra-Small, !.8V, Power, Rail-to-Rail I/O Op Amps Ultra-Small, !.8V, レPower, Rail-to-Rail I/O Op Amps Ultra-Small, 1.8V, μPower, Rail-to-Rail I/O Op Amps
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
LT6014IS8 LT6013 LT6013ACDD LT6013ACS8 LT6013AIDD |
(LT6013 / LT6014) Rail-to-Rail Output Precision Op Amps U36D Series Large Can Aluminum Electrolytic Capacitor, Screw terminals, General Purpose Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps OP-AMP, 135 uV OFFSET-MAX, 1.6 MHz BAND WIDTH, PDSO8 Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:45VDC; Capacitance:3900uF; Capacitance Tolerance: 20%; Leaded Process Compatible:No; Package/Case:76X105; Peak Reflow Compatible (260 C):No RoHS Compliant: No Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps Single/Dual 145UA, 9.5nV/ SIGMAHz, AV 5, Rail-to-Rail Output Precision Op Amps Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps
|
Linear Technology, Corp. 运算放大 Linear Technology Corporation LINER[Linear Technology]
|
EL5111 EL5111IWT-T7 EL5111IWT-T7A EL5111IWTZ-T7 EL |
Intersil 60MHz Rail-to-Rail Input-Output Op Amps 2 CHANNEL, VIDEO AMPLIFIER, PDSO8 60MHz Rail-to-Rail Input-Output Op Amps DUAL OP-AMP, 15000 uV OFFSET-MAX, 32 MHz BAND WIDTH, PDSO8 60MHz Rail-to-Rail Input-Output Op Amps 4 CHANNEL, VIDEO AMPLIFIER, PDSO14
|
INTERSIL[Intersil Corporation] 音频/视频放 Intersil, Corp.
|